schottky barrier rectifiers 1 1/16 /2007 rev.1.00 www.siliconstandard.com 1 pb-free; rohs-compliant product summary surface mount reverse voltage 20 to 60 volts forward current 2.0 amperes features for surface mounted applications metal-semiconductor junction with guardring epitaxial construction very low forward voltage drop high current capability plastic material has ul flammability classification 94v-0 for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications mecanical data case : jedec do-214a c(sma ) molded plastic polarity : indicated by cathode band weight : 0.002 ounce, 0.064 gram sk22a thru sk26a
11/16 /2007 rev.1.00 www.siliconstandard.com 2 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, der ate current by 20% notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. thermal resistance junction to lead. r e t e m a r a ps l o b m y sa 2 2 k sa 3 2 k sa 4 2 k sa 5 2 k sa 6 2 k ss t i n u e g a t l o v e s r e v e r k a e p e v i t i t e p e r m u m i x a mv m r r 0 20 30 40 50 6s t l o v e g a t l o v s m r m u m i x a mv s m r 4 11 28 25 32 4s t l o v e g a t l o v g n i k c o l b c d m u m i x a mv c d 0 20 30 40 50 6s t l o v d r a w r o f e g a r e v a m u m i x a m t n e r r u c d e i f i t c e rt @ l 0 0 1 = o c i ) v a ( 0 . 2s p m a t n e r r u c e g r u s d r a w r o f k a e p e v a w - e n i s f l a h e l g n i s s m 3 . 8 ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i m s f 0 . 0 5s p m a c d a 0 . 2 t a e g a t l o v d r a w r o f m u m i x a mv f 0 5 . 00 7 . 0s t l o v t n e r r u c e s r e v e r c d m u m i x a m e g a t l o v g n i k c o l b c d d e t a r t a t @ j 5 2 = o c t @ j 0 0 1 = o c i r 5 . 0 0 2 a m ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y tc j 0 0 2 p f ) 2 e t o n ( e c n a t s i s e r l a m r e h t l a c i p y tr l j 5 1 o w / c e g n a r e r u t a r e p m e t n o i t c n u j g n i t a r e p ot j 5 2 1 + o t 5 5 - o c e g n a r e r u t a r e p m e t e g a r o t st g t s 0 5 1 + o t 5 5 - o c sk22a thru sk26a
sk22a thru sk26a 1 1/16 /2007 rev.1.00 www.siliconstandard.com 3 information furnished by silicon standard corporation is believed to be accurate and reliable. however, silicon standard corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. silicon standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. no license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of silicon standard corporation or any third parties. ratings and characteristic curves
|